Part Number Hot Search : 
AN5285K IRFM450 TB3100H MC100BN MBR1045 864075 HPR2XX SI7633DP
Product Description
Full Text Search
 

To Download D1018UK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D1018UK
METAL GATE RF SILICON FET
MECHANICAL DATA
B A C E (2 pls)
K
1
2
3
4
F
G
8
J Typ.
7
6
5
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 100W - 28V - 500MHz PUSH-PULL
FEATURES
* SIMPLIFIED AMPLIFIER DESIGN
D M Q
P
I
N
O
H
* SUITABLE FOR BROAD BAND APPLICATIONS * LOW Crss * SIMPLE BIAS CIRCUITS * LOW NOISE * HIGH GAIN - 10 dB MINIMUM
DD
PIN 1 PIN 3 PIN 5 PIN 7 SOURCE (COMMON) DRAIN 2 SOURCE (COMMON) GATE 1 DIM A B C D E F G H I J K M N O P Q mm 9.14 12.70 45 6.86 0.76 9.78 19.05 4.19 3.17 1.52R 1.65R 16.51 22.86 0.13 6.35 10.77 PIN 2 PIN 4 PIN 6 PIN 8 DRAIN 1 SOURCE (COMMON) GATE 2 SOURCE (COMMON) Tol. 0.005 0.005 5 0.005 0.005 0.005 0.010 0.005 0.005 0.005 0.005 0.005 0.005 0.001 0.025 0.005
Tol. 0.13 0.13 5 0.13 0.13 0.13 0.25 0.13 0.13 0.13 0.13 0.13 0.13 0.02 0.64 0.13
Inches 0.360 0.500 45 0.270 0.030 0.385 0.750 0.165 0.125 0.060R 0.065R 0.650 0.900 0.005 0.250 0.424
APPLICATIONS
* HF/VHF/UHF COMMUNICATIONS from 1 MHz to 500 MHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj * Per Side Power Dissipation Drain - Source Breakdown Voltage * Gate - Source Breakdown Voltage * Drain Current * Storage Temperature Maximum Operating Junction Temperature 250W 70V 20V 15A -65 to 150C 200C
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 10/95
D1018UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
PER SIDE
BVDSS IDSS IGSS gfs GPS Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Forward Transconductance * Common Source Power Gain Drain Efficiency VGS = 0 VDS = 28V VGS = 20V ID = 10mA VDS = 10V PO = 100W VDS = 28V f = 500MHz IDQ = 1.2A ID = 100mA VGS = 0 VDS = 0 VDS = VGS ID = 3A 1 2.4 10 50 20:1 VGS = -5V f = 1MHz VGS = 0 VGS = 0 f = 1MHz f = 1MHz 70
Typ.
Max. Unit
V 3 1 7 mA A V S dB % -- 180 90 7.5 pF pF pF
VGS(th) Gate Threshold Voltage *
TOTAL DEVICE
VSWR Load Mismatch Tolerance Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance
PER SIDE
VDS = 28V VDS = 28V VDS = 28V
* Pulse Test:
Pulse Duration = 300 s , Duty Cycle 2%
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 0.7C / W
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 10/95


▲Up To Search▲   

 
Price & Availability of D1018UK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X